| Moteur de recherche de fiches techniques de composants électroniques |
|
IM1-451-R Fiches technique(PDF) 1 Page - Turck, Inc. |
|
|
|||||||||||||||||||||||||||||
IM1-451-R Fiches technique(HTML) 1 Page - Turck, Inc. |
|
1 / 3 page ![]() Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com1 / 3 Isolating switching amplifier 4-channel IM1-451-R Sensors according to EN 60947-5-6 (NAMUR) or potential-free contacts can be connected to the 4-channel IM1-451-R isolating switching amplifier. The output circuits each feature a relay with an NO contact. In addition, the device features a common alarm output. Via eight switches on the front, the output mode (work or quiescent current behavior, i.e. NO/NC) can be switched on and off separate- ly for each channel as well as wire-break (WB) and short-circuit monitoring (SC). When using mechanical contacts, wire-break and short-circuit monitoring must be switched off or the contacts must be wired with resistors (II) (see circuit diagram). The Pwr LED lights green to indicate opera- tional readiness. The 2-color LED 1 lights yel- low to indicate the switching status of the out- put. In the event of an input circuit error, the 2- color LED turns red, with the input circuit mon- itoring switched on. Thereupon the output and the alarm relay drop out. ■ 5 relay outputs (NO) ■ Output mode adjustable (NO/NC mode) ■ Input circuits monitored for wire-break/ short-circuit (ON/OFF switchable) ■ Common alarm output ■ Complete galvanic isolation ■ Input reverse-polarity protected ■ TR CU |
Numéro de pièce similaire - IM1-451-R |
|
Description similaire - IM1-451-R |