| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8275VRT Fiches technique(PDF) 2 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8275VRT Fiches technique(HTML) 2 Page - Freescale Semiconductor, Inc |
|
2 / 80 page ![]() MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7 2 Freescale Semiconductor Overview 1Overview Table 1 shows the functionality supported by each device in the MPC8280 family. Devices in the MPC8280 family are available in three packages—the standard ZU package and the alternate VR or ZQ packages—as shown in Table 2. Note that throughout this document references to the MPC8280 and the MPC8270 are inclusive of VR and ZQ package devices unless otherwise specified. For more information on VR and ZQ packages, contact your Freescale sales office. For package ordering information, refer to Section 10, “Ordering Information.” Table 1. MPC8280 PowerQUICC II Family Functionality Functionality Devices MPC8270 MPC8275 MPC8280 Package 1 1 Refer to Table 2. 480 TBGA 516 PBGA 516 PBGA 480 TBGA Serial communications controllers (SCCs) 4 4 4 4 QUICC multi-channel controller (QMC) — — — — Fast communication controllers (FCCs) 3 3 3 3 I-Cache (Kbyte) 16 16 16 16 D-Cache (Kbyte) 16 16 16 16 Ethernet (10/100) 3 3 3 3 UTOPIA II Ports 0 0 2 2 Multi-channel controllers (MCCs) 1 1 1 2 PCI bridge Yes Yes Yes Yes Transmission convergence (TC) layer — — — Yes Inverse multiplexing for ATM (IMA) — — — Yes Universal serial bus (USB) 2.0 full/low rate 1 1 1 1 Security engine (SEC) — — — — Table 2. HiP7 PowerQUICC II Device Packages Code (Package) ZU (480 TBGA—Leaded) VR (516 PBGA—Lead free) ZQ (516 PBGA—Lead spheres) Device MPC8280 MPC8275VR MPC8275ZQ MPC8270 MPC8270VR MPC8270ZQ |