Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8247CVRT Fiches technique(PDF) 46 Page - Freescale Semiconductor, Inc

No de pièce MPC8247CVRT
Description  PowerQUICC II??Family Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8247CVRT Fiches technique(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MPC8247CVRT Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8247CVRT Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8247CVRT Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8247CVRT Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8247CVRT Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8247CVRT Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8247CVRT Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8247CVRT Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8247CVRT Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5
46
Freescale Semiconductor
Pinout
D47
F2
D48
AB1
D49
U4
D50
U1
D51
R3
D52
N3
D53
K2
D54
H5
D55
F4
D56
AA3
D57
U5
D58
U2
D59
P5
D60
M3
D61
K4
D62
H3
D63
E1
IRQ3/CKSTP_OUT/EXT_BR3
B16
IRQ4/CORE_SRESET/EXT_BG3
C15
IRQ5/TBEN/EXT_DBG3/CINT
Y4
PSDVAL
C19
TA
AA4
TEA
AB6
GBL/IRQ1
D15
CI/BADDR29/IRQ2
D16
WT/BADDR30/IRQ3
C16
BADDR31/IRQ5/CINT
E17
CPU_BR/INT_OUT
B20
CS0
AE6
CS1
AD7
CS2
AF5
Table 20. Pinout (continued)
Pin Name
Ball
MPC8272/MPC8248 and
MPC8271/MPC8247
MPC8272/MPC8271 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60