Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8275VRP Fiches technique(PDF) 43 Page - Freescale Semiconductor, Inc

No de pièce MPC8275VRP
Description  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8275VRP Fiches technique(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button MPC8275VRP Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8275VRP Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8275VRP Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8275VRP Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8275VRP Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8275VRP Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8275VRP Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8275VRP Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8275VRP Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
Freescale Semiconductor
43
Pinout
8
Pinout
This section provides the pin assignments and pinout lists for both HiP7 PowerQUICC II packages.
8.1 ZU Package—MPC8280 and MPC8270
The following figures and table represent the standard 480 TBGA package. For information on the alternate
package, refer to Section 8.2, “VR and ZQ Packages—MPC8275 and MPC8270,” on page -58.
Figure 13 shows the pinout of the ZU package as viewed from the top surface.
Figure 13. Pinout of the 480 TBGA Package (View from Top)
1
2
3
4
5 6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29
Not to Scale
1
2
3
4
5 6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
AD
AE
AF
AG
AH
AJ
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
AD
AE
AF
AG
AH
AJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80