Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8270VRP Fiches technique(PDF) 26 Page - Freescale Semiconductor, Inc

No de pièce MPC8270VRP
Description  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270VRP Fiches technique(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MPC8270VRP Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8270VRP Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8270VRP Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8270VRP Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8270VRP Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8270VRP Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8270VRP Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8270VRP Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8270VRP Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
26
Freescale Semiconductor
Clock Configuration Modes
0010_010
37.5
100.0
4
150.0
400.0
4
150.0
400.0
0010_011
30.0
100.0
4
120.0
400.0
5
150.0
500.0
0010_100
25.0
100.0
4
100.0
400.0
6
150.0
600.0
0010_101
25.0
100.0
4
100.0
400.0
7
175.0
700.0
0010_110
25.0
100.0
4
100.0
400.0
8
200.0
800.0
0010_111
Reserved
0011_000
30.0
80.0
5
150.0
400.0
5
150.0
400.0
0011_001
25.0
80.0
5
125.0
400.0
6
150.0
480.0
0011_010
25.0
80.0
5
125.0
400.0
7
175.0
560.0
0011_011
25.0
80.0
5
125.0
400.0
8
200.0
640.0
0011_100
Reserved
0011_101
Reserved
0011_110
25.0
66.7
6
150.0
400.0
6
150.0
400.0
0011_111
25.0
66.7
6
150.0
400.0
7
175.0
466.7
0100_000
25.0
66.7
6
150.0
400.0
8
200.0
533.3
0101_101
75.0
167.0
2
150.0
334.0
2
166.7
334.0
0101_110
60.0
167.0
2
120.0
334.0
2.5
166.7
417.5
0101_111
50.0
167.0
2
100.0
334.0
3
200.0
501.0
0110_000
50.0
167.0
2
100.0
334.0
3.5
250.0
584.5
0110_001
50.0
167.0
2
100.0
334.0
4
250.0
668.0
0110_010
50.0
167.0
2
100.0
334.0
4.5
250.0
751.5
0110_011
Reserved
0110_100
60.0
160.0
2.5
150.0
400.0
2.5
150.0
400.0
0110_101
50.0
160.0
2.5
125.0
400.0
3
150.0
480.0
0110_110
42.9
160.0
2.5
107.1
400.0
3.5
150.0
560.0
0110_111
40.0
160.0
2.5
100.0
400.0
4
160.0
640.0
0111_000
40.0
160.0
2.5
100.0
400.0
4.5
180.0
720.0
Table 16. Clock Configurations for Local Bus Mode 1 (continued)
Mode 2
Bus Clock 3
(MHz)
CPM
Multiplication
Factor 4
CPM Clock
(MHz)
CPU
Multiplication
Factor 5
CPU Clock
(MHz)
MODCK_H-MODCK[1-3]
Low
High
Low
High
Low
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80