Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8247VRP Fiches technique(PDF) 26 Page - Freescale Semiconductor, Inc

No de pièce MPC8247VRP
Description  PowerQUICC II??Family Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8247VRP Fiches technique(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MPC8247VRP Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8247VRP Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8247VRP Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8247VRP Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8247VRP Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8247VRP Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8247VRP Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8247VRP Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8247VRP Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5
26
Freescale Semiconductor
Clock Configuration Modes
0010_011
50.0
66.7
4
200.0 266.6
8
400.0 533.3
4
50.0
66.7
0010_100
75.0
100.0
4
300.0 400.0
5
375.0 500.0
6
50.0
66.7
0010_101
75.0
100.0
4
300.0 400.0
5.5
412.5 549.9
6
50.0
66.7
0010_110
75.0
100.0
4
300.0 400.0
6
450.0 599.9
6
50.0
66.7
0011_000
50.0
66.7
5
250.0 333.3
5
250.0 333.3
5
50.0
66.7
0011_001
50.0
66.7
5
250.0 333.3
6
300.0 400.0
5
50.0
66.7
0011_010
50.0
66.7
5
250.0 333.3
7
350.0 466.6
5
50.0
66.7
0011_011
50.0
66.7
5
250.0 333.3
8
400.0 533.3
5
50.0
66.7
0100_000
Reserved
0100_001
50.0
66.7
6
300.0 400.0
6
300.0 400.0
6
50.0
66.7
0100_010
50.0
66.7
6
300.0 400.0
7
350.0 466.6
6
50.0
66.7
0100_011
50.0
66.7
6
300.0 400.0
8
400.0 533.3
6
50.0
66.7
0101_000
60.0
66.7
2
120.0 133.3
2.5
150.0 166.7
2
60.0
66.7
0101_001
50.0
66.7
2
100.0 133.3
3
150.0 200.0
2
50.0
66.7
0101_010
50.0
66.7
2
100.0 133.3
3.5
175.0 233.3
2
50.0
66.7
0101_011
50.0
66.7
2
100.0 133.3
4
200.0 266.6
2
50.0
66.7
0101_100
50.0
66.7
2
100.0 133.3
4.5
225.0 300.0
2
50.0
66.7
0101_101
83.3
111.1
3
250.0 333.3
3.5
291.7 388.9
5
50.0
66.7
0101_110
83.3
111.1
3
250.0 333.3
4
333.3 444.4
5
50.0
66.7
0101_111
83.3
111.1
3
250.0 333.3
4.5
375.0 500.0
5
50.0
66.7
0110_000
60.0
80.0
2.5
150.0 200.0
2.5
150.0 200.0
3
50.0
66.7
0110_001
60.0
80.0
2.5
150.0 200.0
3
180.0 240.0
3
50.0
66.7
0110_010
60.0
80.0
2.5
150.0 200.0
3.5
210.0 280.0
3
50.0
66.7
0110_011
60.0
80.0
2.5
150.0 200.0
4
240.0 320.0
3
50.0
66.7
Table 16. Clock Configurations for PCI Host Mode (PCI_MODCK=0) 1, 2 (continued)
Mode 3
Bus Clock
(MHz)
CPM
Multiplication
Factor 4
CPM Clock
(MHz)
CPU
Multiplication
Factor 5
CPU Clock
(MHz)
PCI
Division
Factor
PCI Clock
(MHz)
MODCK_H-
MODCK[1-3]
Low
High
Low
High
Low
High
Low
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60