Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8270VRM Fiches technique(PDF) 49 Page - Freescale Semiconductor, Inc

No de pièce MPC8270VRM
Description  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270VRM Fiches technique(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MPC8270VRM Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8270VRM Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8270VRM Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8270VRM Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8270VRM Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8270VRM Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8270VRM Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8270VRM Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8270VRM Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
Freescale Semiconductor
49
Pinout
PWE5/PSDDQM5/PBS5
A26
PWE6/PSDDQM6/PBS6
B25
PWE7/PSDDQM7/PBS7
A25
PSDA10/PGPL0
E23
PSDWE/PGPL1
B24
POE/PSDRAS/PGPL2
A24
PSDCAS/PGPL3
B23
PGTA/PUPMWAIT/PGPL4/PPBS
A23
PSDAMUX/PGPL5
D22
LWE0/LSDDQM0/LBS0/PCI_CFG0
H28
LWE1/LSDDQM1/LBS1/PCI_CFG1
H27
LWE2/LSDDQM2/LBS2/PCI_CFG2
H26
LWE3/LSDDQM3/LBS3/PCI_CFG3
G29
LSDA10/LGPL0/PCI_MODCKH0
D27
LSDWE/LGPL1/PCI_MODCKH1
C28
LOE/LSDRAS/LGPL2/PCI_MODCKH2
E26
LSDCAS/LGPL3/PCI_MODCKH3
D25
LGTA/LUPMWAIT/LGPL4/LPBS
C26
LGPL5/LSDAMUX/PCI_MODCK
B27
LWR
D28
L_A14/PAR
N27
L_A15/FRAME/SMI
T29
L_A16/TRDY
R27
L_A17/IRDY/CKSTP_OUT
R26
L_A18/STOP
R29
L_A19/DEVSEL
R28
L_A20/IDSEL
W29
L_A21/PERR
P28
L_A22/SERR
N26
L_A23/REQ0
AA27
L_A24/REQ1/HSEJSW
P29
L_A25/GNT0
AA26
L_A26/GNT1/HSLED
N25
Table 21. MPC8280 and MPC8270 (ZU Package) Pinout List (continued)
Pin Name
Ball
MPC8280/MPC8270
MPC8280 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80