| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8272VRM Fiches technique(PDF) 9 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8272VRM Fiches technique(HTML) 9 Page - Freescale Semiconductor, Inc |
|
9 / 60 page ![]() MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5 Freescale Semiconductor 9 DC Electrical Characteristics Signal high input current, VIH = 2.0 V IH —1 µA Output high voltage, IOH = –2 mA except UTOPIA mode, and open drain pins In UTOPIA mode 5 (UTOPIA pins only): IOH = -8.0mA PA[8–31] PB[18–31] PC[0–1,4–29] PD[7–25, 29–31] VOH 2.4 — V In UTOPIA mode5 (UTOPIA pins only): IOL = 8.0mA PA[8–31] PB[18–31] PC[0–1,4–29] PD[7–25, 29–31] VOL —0.5 V IOL = 6.0mA BR BG/IRQ6 ABB/IRQ2 TS A[0-31] TT[0-4] TBST TSIZE[0–3] AACK ARTRY DBG/IRQ7 DBB/IRQ3 D[0-63] IRQ3/CKSTP_OUT/EXT_BR3 IRQ4/CORE_SRESET/EXT_BG3 IRQ5/TBEN/EXT_DBG3/CINT PSDVAL TA TEA GBL/IRQ1 CI/BADDR29/IRQ2 WT/BADDR30/IRQ3 BADDR31/IRQ5/CINT CPU_BR/INT_OUT IRQ0/NMI_OUT PORESET/PCI_RST HRESET SRESET RSTCONF VOL —0.4 V Table 5. DC Electrical Characteristics 1 (continued) Characteristic Symbol Min Max Unit |