| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8541ECPXAPF Fiches technique(PDF) 50 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8541ECPXAPF Fiches technique(HTML) 50 Page - Freescale Semiconductor, Inc |
|
50 / 84 page ![]() MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4 50 Freescale Semiconductor I2C 12.2 I2C AC Electrical Specifications Table 40 provides the AC timing parameters for the I2C interface of the MPC8541E. Table 40. I2C AC Electrical Specifications All values refer to VIH (min) and VIL (max) levels (see Table 39). Parameter Symbol 1 Min Max Unit SCL clock frequency fI2C 0 400 kHz Low period of the SCL clock tI2CL 6 1.3 — μs High period of the SCL clock tI2CH 6 0.6 — μs Setup time for a repeated START condition tI2SVKH 6 0.6 — μs Hold time (repeated) START condition (after this period, the first clock pulse is generated) tI2SXKL 6 0.6 — μs Data setup time tI2DVKH 6 100 — ns Data hold time: CBUS compatible masters I2C bus devices tI2DXKL — 0 2 — 0.9 3 μs Rise time of both SDA and SCL signals tI2CR 20 + 0.1 Cb 4 300 ns Fall time of both SDA and SCL signals tI2CF 20 + 0.1 Cb 4 300 ns Set-up time for STOP condition tI2PVKH 0.6 — μs Bus free time between a STOP and START condition tI2KHDX 1.3 — μs Noise margin at the LOW level for each connected device (including hysteresis) VNL 0.1 × OV DD —V Noise margin at the HIGH level for each connected device (including hysteresis) VNH 0.2 × OV DD —V Notes: 1. The symbols used for timing specifications herein follow the pattern of t(first two letters of functional block)(signal)(state) (reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tI2DVKH symbolizes I 2C timing (I2) with respect to the time data input signals (D) reach the valid state (V) relative to the tI2C clock reference (K) going to the high (H) state or setup time. Also, tI2SXKL symbolizes I 2C timing (I2) for the time that the data with respect to the start condition (S) went invalid (X) relative to the tI2C clock reference (K) going to the low (L) state or hold time. Also, tI2PVKH symbolizes I2C timing (I2) for the time that the data with respect to the stop condition (P) reaching the valid state (V) relative to the tI2C clock reference (K) going to the high (H) state or setup time. For rise and fall times, the latter convention is used with the appropriate letter: R (rise) or F (fall). 2. MPC8541E provides a hold time of at least 300 ns for the SDA signal (referred to the VIHmin of the SCL signal) to bridge the undefined region of the falling edge of SCL. 3. The maximum tI2DVKH has only to be met if the device does not stretch the LOW period (tI2CL) of the SCL signal. 4. CB = capacitance of one bus line in pF. 5. Guaranteed by design. |