Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8275CVRI Fiches technique(PDF) 18 Page - Freescale Semiconductor, Inc

No de pièce MPC8275CVRI
Description  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8275CVRI Fiches technique(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MPC8275CVRI Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8275CVRI Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8275CVRI Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8275CVRI Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8275CVRI Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8275CVRI Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8275CVRI Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8275CVRI Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8275CVRI Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
18
Freescale Semiconductor
AC Electrical Characteristics
Figure 7 shows TDM input and output signals.
Figure 7. TDM Signal Diagram
Figure 8 shows PIO and timer signals.
Figure 8. PIO and Timer Signal Diagram
Serial CLKin
TDM input signals
TDM output signals
sp20
sp21
sp40/sp41
Note: There are four possible TDM timing conditions:
1. Input sampled on the rising edge and output driven on the rising edge (shown).
2. Input sampled on the rising edge and output driven on the falling edge.
3. Input sampled on the falling edge and output driven on the falling edge.
4. Input sampled on the falling edge and output driven on the rising edge.
Sys clk
PIO/IDMA/TIMER[TGATE assertion] input signals
IDMA output signals
sp22
sp23
sp42/sp43
TIMER(sp42/43)/ PIO(sp42a/sp43a)
sp42a/sp43a
output signals
sp42/sp43
TIMER input signal [TGATE deassertion]
sp22
sp23
Note: TGATE is asserted on the rising edge of the clock; it is deasserted on the falling edge.
(See note)
(See note)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80