| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8280CVRI Fiches technique(PDF) 68 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280CVRI Fiches technique(HTML) 68 Page - Freescale Semiconductor, Inc |
|
68 / 80 page ![]() MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7 68 Freescale Semiconductor Pinout PA28/FCC1_MII_TX_EN/ FCC1_RMII_TX_EN FCC1_UTM_RXENB/ FCC1_UTS_RXENB C222 PA29/FCC1_MII_TX_ER FCC1_UT_TXSOC B212 PA30/FCC1_MII_CRS/FCC1_RTS FCC1_UTM_TXCLAV/ FCC1_UTS_TXCLAV A202 PA31/FCC1_MII_COL FCC1_UTM_TXENB/ FCC1_UTS_TXENB A192 PB4/FCC3_MII_HDLC_TXD3/ L1RSYNCA2/FCC3_RTS FCC2_UT8_RXD0 AD212 PB5/FCC3_MII_HDLC_TXD2/ L1TSYNCA2/L1GNTA2 FCC2_UT8_RXD1 AD222 PB6/FCC3_MII_HDLC_TXD1/ FCC3_RMII_TXD1/ L1RXDA2/L1RXD0A2 FCC2_UT8_RXD2 AC222 PB7/FCC3_MII_HDLC_TXD0/ FCC3_RMII_TXD0/ FCC3_TXD/L1TXDA2/L1TXD0A2 FCC2_UT8_RXD3 AE262 PB8/FCC3_MII_HDLC_RXD0/ FCC3_RMII_RXD0/ FCC3_RXD/TXD3 FCC2_UT8_TXD3 AB232 PB9/FCC3_MII_HDLC_RXD1/ FCC3_RMII_RXD1/L1TXD2A2 FCC2_UT8_TXD2 AC262 PB10/FCC3_MII_HDLC_RXD2 FCC2_UT8_TXD1 AB262 PB11/FCC3_MII_HDLC_RXD3 FCC2_UT8_TXD0 AA252 PB12/FCC3_MII_CRS/TXD2 W262 PB13/FCC3_MII_COL/L1TXD1A2 W252 PB14/FCC3_MII_RMII_TX_EN/RXD3 V242 PB15/FCC3_MII_TX_ER/RXD2 U242 PB16/FCC3_MII_RMII_RX_ER/CLK18 R222 PB17/FCC3_MII_RX_DV/CLK17/ FCC3_RMII_CRS_DV R232 PB18/FCC2_MII_HDLC_RXD3/ L1CLKOD2/L1RXD2A2 FCC2_UT8_RXD4 M232 PB19FCC2_MII_HDLC_RXD2/ L1RQD2/L1RXD3A2 FCC2_UT8_RXD5 L242 PB20/FCC2_MII_HDLC_RMII_RXD1/ L1RSYNCD2 FCC2_UT8_RXD6 K242 PB21//FCC2_MII_HDLC_RMII_RXD0/ FCC2_TRAN_RXD/L1TSYNCD2/ L1GNTD2 FCC2_UT8_RXD7 L212 Table 23. MPC8275 and MPC8270 (VR and ZQ Packages) Pinout List (continued) Pin Name Ball MPC8275/MPC8270 MPC8275 only |