| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8540CVT667JB Fiches technique(PDF) 46 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540CVT667JB Fiches technique(HTML) 46 Page - Freescale Semiconductor, Inc |
|
46 / 104 page ![]() MPC8540 Integrated Processor Hardware Specifications, Rev. 4 46 Freescale Semiconductor JTAG 10 JTAG This section describes the AC electrical specifications for the IEEE 1149.1 (JTAG) interface of the MPC8540. Table 38 provides the JTAG AC timing specifications as defined in Figure 25 through Figure 28. Table 38. JTAG AC Timing Specifications (Independent of SYSCLK) 1 At recommended operating conditions (see Table 2). Parameter Symbol 2 Min Max Unit Notes JTAG external clock frequency of operation fJTG 033.3 MHz JTAG external clock cycle time t JTG 30 — ns JTAG external clock pulse width measured at 1.4 V tJTKHKL 15 — ns JTAG external clock rise and fall times tJTGR & tJTGF 02 ns 6 TRST assert time tTRST 25 — ns 3 Input setup times: Boundary-scan data TMS, TDI tJTDVKH tJTIVKH 4 0 — — ns 4 Input hold times: Boundary-scan data TMS, TDI tJTDXKH tJTIXKH 20 25 — — ns 4 Valid times: Boundary-scan data TDO tJTKLDV tJTKLOV 4 4 20 25 ns 5 Output hold times: Boundary-scan data TDO tJTKLDX tJTKLOX ns 5 JTAG external clock to output high impedance: Boundary-scan data TDO tJTKLDZ tJTKLOZ 3 3 19 9 ns 5, 6 Notes: 1.All outputs are measured from the midpoint voltage of the falling/rising edge of tTCLK to the midpoint of the signal in question. The output timings are measured at the pins. All output timings assume a purely resistive 50- Ω load (see Figure 24). Time-of-flight delays must be added for trace lengths, vias, and connectors in the system. 2.The symbols used for timing specifications herein follow the pattern of t(first two letters of functional block)(signal)(state) (reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tJTDVKH symbolizes JTAG device timing (JT) with respect to the time data input signals (D) reaching the valid state (V) relative to the tJTG clock reference (K) going to the high (H) state or setup time. Also, tJTDXKH symbolizes JTAG timing (JT) with respect to the time data input signals (D) went invalid (X) relative to the tJTG clock reference (K) going to the high (H) state. Note that, in general, the clock reference symbol representation is based on three letters representing the clock of a particular functional. For rise and fall times, the latter convention is used with the appropriate letter: R (rise) or F (fall). 3.TRST is an asynchronous level sensitive signal. The setup time is for test purposes only. 4.Non-JTAG signal input timing with respect to tTCLK. 5.Non-JTAG signal output timing with respect to tTCLK. 6.Guaranteed by design. |