Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8248VRB Fiches technique(PDF) 49 Page - Freescale Semiconductor, Inc

No de pièce MPC8248VRB
Description  PowerQUICC II??Family Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8248VRB Fiches technique(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MPC8248VRB Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5
Freescale Semiconductor
49
Pinout
PCI_AD17
AF17
PCI_AD18
AD16
PCI_AD19
AC16
PCI_AD20
AF18
PCI_AD21
AB16
PCI_AD22
AD17
PCI_AD23
AF19
PCI_AD24
AB17
PCI_AD25
AF20
PCI_AD26
AE19
PCI_AD27
AC18
PCI_AD28
AB18
PCI_AD29
AD19
PCI_AD30
AD21
PCI_AD31
AC20
PCI_C0/BE0
AE12
PCI_C1/BE1
AF13
PCI_C2/BE2
AC15
PCI_C3/BE3
AE18
IRQ0/NMI_OUT
A17
TRST 2
E21
TCK
B22
TMS
C23
TDI
B24
TDO
A22
TRIS
B23
PORESET2/PCI_RST
C24
HRESET
D22
SRESET
F22
RSTCONF
A24
MODCK1/RSRV/TC0/BNKSEL0
A20
Table 20. Pinout (continued)
Pin Name
Ball
MPC8272/MPC8248 and
MPC8271/MPC8247
MPC8272/MPC8271 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60