| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8280CVRB Fiches technique(PDF) 73 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280CVRB Fiches technique(HTML) 73 Page - Freescale Semiconductor, Inc |
|
73 / 80 page ![]() MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7 Freescale Semiconductor 73 Package Description 9 Package Description The following sections provide the package parameters and mechanical dimensions. 9.1 Package Parameters Package parameters are provided in Table 24. Table 24. Package Parameters Package Devices Outline (mm) Type Interconnects Pitch (mm) Nominal Unmounted Height (mm) ZU MPC8280 MPC8270 37.5 x 37.5 TBGA 480 1.27 1.55 VR MPC8275VR MPC8270VR 27 x 27 PBGA 516 1 2.25 ZQ MPC8275ZQ MPC8270ZQ 27 x 27 PBGA 516 1 2.25 |