Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC826XAVR Fiches technique(PDF) 36 Page - Freescale Semiconductor, Inc

No de pièce MPC826XAVR
Description  PowerQUICC??II Integrated Communications Processor Hardware Specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC826XAVR Fiches technique(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MPC826XAVR Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC826XAVR Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC826XAVR Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC826XAVR Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC826XAVR Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC826XAVR Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC826XAVR Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC826XAVR Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC826XAVR Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
MPC8260A PowerQUICC™ II Integrated Communications Processor Hardware Specifications, Rev. 1.1
36
Freescale Semiconductor
Pinout
D7
B5
D8
A20
D9
E17
D10
B15
D11
B13
D12
A11
D13
E9
D14
B7
D15
B4
D16
D19
D17
D17
D18
D15
D19
C13
D20
B11
D21
A8
D22
A5
D23
C5
D24
C19
D25
C17
D26
C15
D27
D13
D28
C11
D29
B8
D30
A4
D31
E6
D32
E18
D33
B17
D34
A15
D35
A12
D36
D11
D37
C8
D38
E7
D39
A3
D40
D18
D41
A17
Table 20. Pinout List (continued)
Pin Name
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52