Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC880CZP133 Fiches technique(PDF) 27 Page - Freescale Semiconductor, Inc

No de pièce MPC880CZP133
Description  Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC880CZP133 Fiches technique(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MPC880CZP133 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC880CZP133 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC880CZP133 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC880CZP133 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC880CZP133 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC880CZP133 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC880CZP133 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC880CZP133 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC880CZP133 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 92 page
background image
MPC885/MPC880 Hardware Specifications, Rev. 3
27
Freescale Semiconductor
Bus Signal Timing
Figure 11 provides the timing for the input data controlled by the UPM for data beats where DLT3 = 1 in the UPM
RAM words. (This is only the case where data is latched on the falling edge of CLKOUT.)
Figure 11. Input Data Timing when Controlled by UPM in the Memory Controller and DLT3 = 1
Figure 12 through Figure 15 provide the timing for the external bus read controlled by various GPCM factors.
Figure 12. External Bus Read Timing (GPCM Controlled—ACS = 00)
CLKOUT
TA
D[0:31]
B20
B21
CLKOUT
A[0:31]
CSx
OE
WE[0:3]
TS
D[0:31]
B11
B12
B23
B8
B22
B26
B19
B18
B25
B28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92