Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8260A Fiches technique(PDF) 39 Page - Freescale Semiconductor, Inc

No de pièce MPC8260A
Description  PowerQUICC??II Integrated Communications Processor Hardware Specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8260A Fiches technique(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MPC8260A Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8260A Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8260A Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8260A Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8260A Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8260A Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8260A Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8260A Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8260A Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
MPC8260A PowerQUICC™ II Integrated Communications Processor Hardware Specifications, Rev. 1.1
Freescale Semiconductor
39
Pinout
LWE0/LSDDQM0/LBS0/PCI_CFG0(1)
H28
LWE1/LSDDQM1/LBS1/PCI_CFG11
H27
LWE2/LSDDQM2/LBS2/PCI_CFG21
H26
LWE3/LSDDQM3/LBS3/PCI_CFG31
G29
LSDA10/LGPL0/PCI_MODCKH01
D27
LSDWE/LGPL1/PCI_MODCKH11
C28
LOE/LSDRAS/LGPL2/PCI_MODCKH21
E26
LSDCAS/LGPL3/PCI_MODCKH31
D25
LGTA/LUPMWAIT/LGPL4/LPBS
C26
LGPL5/LSDAMUX/PCI_MODCK1
B27
LWR
D28
L_A14/PAR1
N27
L_A15/FRAME1/SMI
T29
L_A16/TRDY1
R27
L_A17/IRDY1/CKSTP_OUT
R26
L_A18/STOP1
R29
L_A19/DEVSEL1
R28
L_A20/IDSEL1
W29
L_A21/PERR1
P28
L_A22/SERR1
N26
L_A23/REQ01
AA27
L_A24/REQ11/HSEJSW1
P29
L_A25/GNT01
AA26
L_A26/GNT11/HSLED1
N25
L_A27/GNT21/HSENUM1
AA25
L_A28/RST1/CORE_SRESET
AB29
L_A29/INTA1
AB28
L_A30/REQ21
P25
L_A31/DLLOUT1
AB27
LCL_D0/AD01
H29
LCL_D1/AD11
J29
LCL_D2/AD21
J28
LCL_D3/AD31
J27
LCL_D4/AD41
J26
LCL_D5/AD51
J25
Table 20. Pinout List (continued)
Pin Name
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52