| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8250 Fiches technique(PDF) 43 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8250 Fiches technique(HTML) 43 Page - Freescale Semiconductor, Inc |
|
43 / 60 page ![]() MPC8250 Hardware Specifications, Rev. 1 Freescale Semiconductor 43 Pinout 4.2.1 VR Pin Assignments Figure 15 shows the pinout of the VR package as viewed from the top surface. Figure 15. Pinout of the 516 PBGA Package (View from Top) 1 234 5 6789 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 Not to Scale 1 234 5 6789 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 A B C D E F G H J K L M N P R T U V W Y AA AB AC AD AE AF A B C D E F G H J K L M N P R T U V W Y AA AB AC AD AE AF |