Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC885ZP80 Fiches technique(PDF) 80 Page - Freescale Semiconductor, Inc

No de pièce MPC885ZP80
Description  Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC885ZP80 Fiches technique(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button MPC885ZP80 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC885ZP80 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC885ZP80 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC885ZP80 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC885ZP80 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC885ZP80 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC885ZP80 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC885ZP80 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC885ZP80 Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 92 page
background image
MPC885/MPC880 Hardware Specifications, Rev. 3
80
Freescale Semiconductor
Mechanical Data and Ordering Information
IP_B6
DSDI
AT0
A8
Bidirectional
Three-state
IP_B7
PTR
AT3
B8
Bidirectional
Three-state
OP0
UtpClk_Split1
B6
Bidirectional
OP1
C6
Output
OP2
MODCK1
STS
D6
Bidirectional
OP3
MODCK2
DSDO
A6
Bidirectional
BADDR30
REG
A7
Output
BADDR[28:29]
C5, B5
Output
AS
D7
Input
PA15
USBRXD
N16
Bidirectional
PA14
USBOE
P17
Bidirectional
(Optional: open-drain)
PA13
RXD2
W11
Bidirectional
PA12
TXD2
P16
Bidirectional
(Optional: open-drain)
PA11
RXD4
MII1-TXD0
RMII1-TXD0
W9
Bidirectional
(Optional: open-drain)
PA10
MII1-TXER
TIN4
CLK7
W17
Bidirectional
(Optional: open-drain)
PA9
L1TXDA
RXD3
T15
Bidirectional
(Optional: open-drain)
PA8
L1RXDA
TXD3
W15
Bidirectional
(Optional: open-drain)
Table 39. Pin Assignments (continued)
Name
Pin Number
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92