| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC5200B Fiches technique(PDF) 21 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5200B Fiches technique(HTML) 21 Page - Freescale Semiconductor, Inc |
|
21 / 78 page ![]() Electrical and Thermal Characteristics MPC5200B Data Sheet, Rev. 1 Freescale Semiconductor 21 Figure 6. Timing Diagram—Standard SDRAM Memory Write Timing 3.3.5.3 Memory Interface Timing-DDR SDRAM Read Command The SDRAM Memory Controller uses a 1/4 period delayed MDQS strobe to capture the MDQ data. The 1/4 period delay value is calculated automatically by hardware. Table 19. Standard SDRAM Write Timing Sym Description Min Max Units SpecID tmem_clk MEM_CLK period 7.5 — ns A5.8 tvalid Control Signals, Address and MBA Valid after rising edge of MEM_CLK —tmem_clk*0.5+0.4 ns A5.9 thold Control Signals, Address and MBA Hold after rising edge of MEM_CLK tmem_clk*0.5 — ns A5.10 DMvalid DQM valid after rising edge of MEM_CLK — tmem_clk*0.25+0.4 ns A5.11 DMhold DQM hold after rising edge of Mem_clk tmem_clk*0.25-0.7 — ns A5.12 datavalid MDQ valid after rising edge of MEM_CLK — tmem_clk*0.75+0.4 ns A5.13 datahold MDQ hold after rising edge of MEM_CLK tmem_clk*0.75-0.7 — ns A5.14 MEM_CLK Control Signals MDQ (Data) MA (Address) NOTE: Control Signals are composed of RAS, CAS, MEM_WE, MEM_CS, MEM_CS1 and CLK_EN Active NOP WRITE NOP NOP NOP NOP NOP thold Row Column MBA (Bank Selects) datahold datavalid tvalid thold tvalid thold tvalid DQM (Data Mask) DMvalid DMhold |