| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC880 Fiches technique(PDF) 79 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC880 Fiches technique(HTML) 79 Page - Freescale Semiconductor, Inc |
|
79 / 92 page ![]() MPC885/MPC880 Hardware Specifications, Rev. 3 79 Freescale Semiconductor Mechanical Data and Ordering Information TEXP C4 Output ALE_A B7 Output CE1_A B15 Output CE2_A C15 Output WAIT_A SOC_Split1 A2 Input WAIT_B C3 Input IP_A0 UTPB_Split01 B1 Input IP_A1 UTPB_Split11 C1 Input IP_A2 IOIS16_A UTPB_Split21 F4 Input IP_A3 UTPB_Split31 E3 Input IP_A4 UTPB_Split41 D2 Input IP_A5 UTPB_Split51 D1 Input IP_A6 UTPB_Split61 E2 Input IP_A7 UTPB_Split71 D3 Input ALE_B DSCK/AT1 D8 Bidirectional Three-state IP_B[0:1] IWP[0:1] VFLS[0:1] A9, D9 Bidirectional IP_B2 IOIS16_B AT2 C8 Bidirectional Three-state IP_B3 IWP2 VF2 C9 Bidirectional IP_B4 LWP0 VF0 B9 Bidirectional IP_B5 LWP1 VF1 A10 Bidirectional Table 39. Pin Assignments (continued) Name Pin Number Type |