Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC866T Fiches technique(PDF) 87 Page - Freescale Semiconductor, Inc

No de pièce MPC866T
Description  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC866T Fiches technique(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button MPC866T Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC866T Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC866T Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC866T Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC866T Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC866T Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC866T Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC866T Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC866T Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
Freescale Semiconductor
87
Mechanical Data and Ordering Information
PB25
RXADDR32
SMTXD1
J16
Bidirectional
(Optional: Open-drain)
PB24
TXADDR32
SMRXD1
J18
Bidirectional
(Optional: Open-drain)
PB23
TXADDR22
SDACK1
SMSYN1
K17
Bidirectional
(Optional: Open-drain)
PB22
TXADDR42
SDACK2
SMSYN2
L19
Bidirectional
(Optional: Open-drain)
PB21
SMTXD2
L1CLKOB
PHSEL1 1
TXADDR1 2
K16
Bidirectional
(Optional: Open-drain)
PB20
SMRXD2
L1CLKOA
PHSEL0
1
TXADDR02
L16
Bidirectional
(Optional: Open-drain)
PB19
RTS1
L1ST1
N19
Bidirectional
(Optional: Open-drain)
PB18
RXADDR42
RTS2
L1ST2
N17
Bidirectional
(Optional: Open-drain)
PB17
L1RQb
L1ST3
RTS3
PHREQ11
RXADDR12
P18
Bidirectional
(Optional: Open-drain)
Table 39. Pin Assignments (continued)
Name
Pin Number
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96