| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC866 Fiches technique(PDF) 87 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC866 Fiches technique(HTML) 87 Page - Freescale Semiconductor, Inc |
|
87 / 96 page ![]() MPC866/MPC859 Hardware Specifications, Rev. 2 Freescale Semiconductor 87 Mechanical Data and Ordering Information PB25 RXADDR32 SMTXD1 J16 Bidirectional (Optional: Open-drain) PB24 TXADDR32 SMRXD1 J18 Bidirectional (Optional: Open-drain) PB23 TXADDR22 SDACK1 SMSYN1 K17 Bidirectional (Optional: Open-drain) PB22 TXADDR42 SDACK2 SMSYN2 L19 Bidirectional (Optional: Open-drain) PB21 SMTXD2 L1CLKOB PHSEL1 1 TXADDR1 2 K16 Bidirectional (Optional: Open-drain) PB20 SMRXD2 L1CLKOA PHSEL0 1 TXADDR02 L16 Bidirectional (Optional: Open-drain) PB19 RTS1 L1ST1 N19 Bidirectional (Optional: Open-drain) PB18 RXADDR42 RTS2 L1ST2 N17 Bidirectional (Optional: Open-drain) PB17 L1RQb L1ST3 RTS3 PHREQ11 RXADDR12 P18 Bidirectional (Optional: Open-drain) Table 39. Pin Assignments (continued) Name Pin Number Type |