| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC862 Fiches technique(PDF) 81 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC862 Fiches technique(HTML) 81 Page - Freescale Semiconductor, Inc |
|
81 / 88 page ![]() MPC862/857T/857DSL PowerQUICC™ Family Hardware Specifications, Rev. 3 Freescale Semiconductor 81 Mechanical Data and Ordering Information PB21 SMTXD2 L1CLKOB PHSEL1 1 TXADDR1 2 K16 Bidirectional (Optional: Open-drain) PB20 SMRXD2 L1CLKOA PHSEL01 TXADDR02 L16 Bidirectional (Optional: Open-drain) PB19 RTS1 L1ST1 N19 Bidirectional (Optional: Open-drain) PB18 RXADDR42 RTS2 L1ST2 N17 Bidirectional (Optional: Open-drain) PB17 L1RQb L1ST3 RTS3 PHREQ11 RXADDR12 P18 Bidirectional (Optional: Open-drain) PB16 L1RQa L1ST4 RTS4 PHREQ01 RXADDR02 N16 Bidirectional (Optional: Open-drain) PB15 BRGO3 TxClav R17 Bidirectional PB14 RXADDR22 RSTRT1 U18 Bidirectional PC15 DREQ0 RTS1 L1ST1 RxClav D16 Bidirectional PC14 DREQ1 RTS2 L1ST2 D18 Bidirectional Table 35. Pin Assignments (continued) Name Pin Number Type |