| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC860EN Fiches technique(PDF) 4 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC860EN Fiches technique(HTML) 4 Page - Freescale Semiconductor, Inc |
|
4 / 80 page ![]() MPC860 Family Hardware Specifications, Rev. 7 4 Freescale Semiconductor Features — UTOPIA-mode ATM supports level-1 master with cell-level handshake, multi-PHY (up to four physical layer devices), connection to 25-, 51-, or 155-Mbps framers, and UTOPIA/system clock ratios of 1/2 or 1/3. — Serial-mode ATM connection supports transmission convergence (TC) function for T1/E1/ADSL lines, cell delineation, cell payload scrambling/descrambling, automatic idle/unassigned cell insertion/stripping, header error control (HEC) generation, checking, and statistics. • Communications processor module (CPM) — RISC communications processor (CP) — Communication-specific commands (for example, GRACEFUL STOP TRANSMIT, ENTER HUNT MODE, and RESTART TRANSMIT ) — Supports continuous mode transmission and reception on all serial channels — Up to 8 Kbytes of dual-port RAM — 16 serial DMA (SDMA) channels — Three parallel I/O registers with open-drain capability • Four baud-rate generators (BRGs) — Independent (can be tied to any SCC or SMC) — Allows changes during operation — Autobaud support option • Four serial communications controllers (SCCs) — Ethernet/IEEE 802.3 optional on SCC1–4, supporting full 10-Mbps operation (available only on specially programmed devices) — HDLC/SDLC (all channels supported at 2 Mbps) — HDLC bus (implements an HDLC-based local area network (LAN)) — Asynchronous HDLC to support point-to-point protocol (PPP) —AppleTalk — Universal asynchronous receiver transmitter (UART) — Synchronous UART — Serial infrared (IrDA) — Binary synchronous communication (BISYNC) — Totally transparent (bit streams) — Totally transparent (frame-based with optional cyclic redundancy check (CRC)) • Two SMCs (serial management channels) — UART — Transparent — General circuit interface (GCI) controller — Can be connected to the time-division multiplexed (TDM) channels • One SPI (serial peripheral interface) — Supports master and slave modes — Supports multimaster operation on the same bus •One I2C (inter-integrated circuit) port — Supports master and slave modes |