Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OXCF950 Fiches technique(PDF) 29 Page - Oxford Semiconductor

No de pièce OXCF950
Description  low cost asynchronous 16-bit PC card or Compact Flash UART device
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OXFORD [Oxford Semiconductor]
Site Internet  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCF950 Fiches technique(HTML) 29 Page - Oxford Semiconductor

Back Button OXCF950 Datasheet HTML 25Page - Oxford Semiconductor OXCF950 Datasheet HTML 26Page - Oxford Semiconductor OXCF950 Datasheet HTML 27Page - Oxford Semiconductor OXCF950 Datasheet HTML 28Page - Oxford Semiconductor OXCF950 Datasheet HTML 29Page - Oxford Semiconductor OXCF950 Datasheet HTML 30Page - Oxford Semiconductor OXCF950 Datasheet HTML 31Page - Oxford Semiconductor OXCF950 Datasheet HTML 32Page - Oxford Semiconductor OXCF950 Datasheet HTML 33Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
DS-0027 Feb 06
External—Free Release
Page 29 of 66
OXCF950 rev B DATA SHEET
OXFORD SEMICONDUCTOR, INC.
0xC3
0x41
0x99
0x01
0x55
0xA3
0x60
0xF8
0x03
0x07
0xB0
0xFF
0xFF
0x07
configuration has the following properties:
•
Index is 0x03
•
READY signal is active, and configuration is for I/O and Memory mode.
•
Nominal Vcc is set to be 5.0 volts.
•
Requests 8 bytes of I/O space, starting at 0x03F8.
•
Level interrupts, interrupt sharing are supported.
•
Any interrupt (IRQ0-15) can be used.
•
Maximum number of identical cards is set to 8.
0x1B
0x05
0x04
0x08
0xA0
0x40
0x07
CISTPL_CFTABLE_ENTRY This configuration is based on the previous configuration, except that it specifies the
I/O space can start anywhere.
0xFF
CISTPL_END



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66