Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC860DP Fiches technique(PDF) 22 Page - Freescale Semiconductor, Inc

No de pièce MPC860DP
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC860DP Fiches technique(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MPC860DP Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC860DP Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC860DP Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC860DP Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC860DP Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC860DP Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC860DP Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC860DP Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC860DP Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 80 page
background image
MPC860 Family Hardware Specifications, Rev. 7
22
Freescale Semiconductor
Bus Signal Timing
Figure 5 provides the timing for the synchronous active pull-up and open-drain output signals.
Figure 5. Synchronous Active Pull-Up Resistor and Open-Drain Outputs Signals Timing
Figure 6 provides the timing for the synchronous input signals.
Figure 6. Synchronous Input Signals Timing
Figure 7 provides normal case timing for input data. It also applies to normal read accesses under the control of the
UPM in the memory controller.
CLKOUT
TS, BB
TA, BI
TEA
B13
B12
B11
B11a
B12a
B13a
B15
B14
CLKOUT
TA, BI
TEA, KR,
RETRY, CR
BB, BG, BR
B16
B17
B16a
B17a
B16b
B17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80