Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP112A/B/N Fiches technique(PDF) 31 Page - Texas Instruments

No de pièce TMP112A/B/N
Description  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112A/B/N Fiches technique(HTML) 31 Page - Texas Instruments

Back Button TMP112A/B/N Datasheet HTML 27Page - Texas Instruments TMP112A/B/N Datasheet HTML 28Page - Texas Instruments TMP112A/B/N Datasheet HTML 29Page - Texas Instruments TMP112A/B/N Datasheet HTML 30Page - Texas Instruments TMP112A/B/N Datasheet HTML 31Page - Texas Instruments TMP112A/B/N Datasheet HTML 32Page - Texas Instruments TMP112A/B/N Datasheet HTML 33Page - Texas Instruments TMP112A/B/N Datasheet HTML 34Page - Texas Instruments TMP112A/B/N Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
For TMP112Dx device, where the 5th pin is ADD0, the pin can easily be connected to one of the 4 edge pins for
setting the device address as shown in Figure 8-5. For devices where the 5th pin is ALERT, a 4 mil trace can be
routed between pins 1 and 5 or pins 2 and 4 as shown in Figure 8-6.
5
2
4
1
3
0.1 µF
RPULLUP
Via to Power Plane
Via to Ground Plane
RPULLUP
Not to scale
Figure 8-5. ADD0 Pin Layout Example
5
2
4
1
3
RPULLUP
Via to Power Plane
Via to Ground Plane
RPULLUP
0.1 µF
R1PULLUP
Not to scale
Figure 8-6. ALERT Pin Layout Example
www.ti.com
TMP112
SBOS473J – MARCH 2009 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: TMP112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47