| Moteur de recherche de fiches techniques de composants électroniques |
|
KB900B1/4 Fiches technique(PDF) 1 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
KB900B1/4 Fiches technique(HTML) 1 Page - Tyco Electronics |
|
|
1 / 1 page ![]() K5 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 K K Series Knobs, Machined Aluminum KB SERIES Control Knob with Straight Knurl and Top Line Indicator Tyco Electronics Alcoswitch Color A B C D E F G 3-1437621-6 KB500A1/8 Natural .500(12.7) .433(11.0) .394(10.0) .472(12.0) .787(20.0) .630(16.0) .610(15.5) 3-1437621-5 KB500A1/4 Natural .500(12.7) .433(11.0) .394(10.0) .472(12.0) .787(20.0) .630(16.0) .610(15.5) 3-1437621-9 KB500B1/8 Black .500(12.7) .433(11.0) .394(10.0) .472(12.0) .787(20.0) .630(16.0) .610(15.5) 3-1437621-8 KB500B1/4 Black .500(12.7) .433(11.0) .394(10.0) .472(12.0) .787(20.0) .630(16.0) .610(15.5) 4-1437621-0 KB700A1/4 Natural .750(19.0) .673(17.1) .581(15.0) .705(17.9) .787(20.0) .630(16.0) .610(15.5) 4-1437621-2 KB700B1/4 Black .750(19.0) .673(17.1) .581(15.0) .705(17.9) .787(20.0) .630(16.0) .610(15.5) 4-1437621-4 KB900A1/4 Natural .930(23.6) .866(22.0) .710(18.0) .902(22.9) .787(20.0) .630(16.0) .610(15.5) 4-1437621-5 KB900B1/4 Black .930(23.6) .866(22.0) .710(18.0) .902(22.9) .787(20.0) .630(16.0) .610(15.5) KBS SERIES Control Knob with Sawcut Indicator Tyco Electronics Alcoswitch Color A B C D E F G 5-1437621-7 KCB500A1/8 Natural .500(12.7) .197(5.08) .374(9.50) .126(3.20) .118(3.00) .335(8.51) .750(19.1) 5-1437621-6 KCB500A1/4 Natural .500(12.7) .197(5.08) .374(9.50) .252(6.40) .118(3.00) .335(8.51) .750(19.1) 5-1437621-9 KCB500B1/8 Black .500(12.7) .197(5.08) .374(9.50) .126(3.20) .118(3.00) .335(8.51) .750(19.1) 5-1437621-8 KCB500B1/4 Black .500(12.7) .197(5.08) .374(9.50) .252(6.40) .118(3.00) .335(8.51) .750(19.1) 6-1437621-0 KCB600A1/8 Natural .618(15.7) .197(5.08) .394(10.0) .126(3.20) .118(3.00) .335(8.51) .750(19.1) KCB600A1/4 Natural .618(15.7) .197(5.08) .39410.0) .252(6.40) .118(3.00) .335(8.51) .750(19.1) 6-1437621-2 KCB600B1/8 Black .618(15.7) .197(5.08) .394(10.0) .126(3.20) .118(3.00) .335(8.51) .750(19.1) 6-1437621-1 KCB600B1/4 Black .618(15.7) .197(5.08) .394(10.0) .252(6.40) .118(3.00) .335(8.51) .750(19.1) 6-1437621-3 KCB700A1/4 Natural .746(18.8) .197(5.08) .512(13.0) .250(6.35) .118(3.00) .335(8.51) .898(22.8) 6-1437621-4 KCB700B1/4 Black .746(18.8) .197(5.08) .512(13.0) .250(6.35) .118(3.00) .335(8.51) .898(22.8) 6-1437621-5 KCB900A1/4 Natural .937(23.8) .197(5.08) .709(18.0) .250(6.35) .118(3.00) .335(8.51) .898(22.8) 6-1437621-7 KCB900B1/4 Black .937(23.8) .197(5.08) .709(18.0) .250(6.35) .118(3.00) .335(8.51) .898(22.8) Control Knob with Straight Knurl and Skirt Tyco Electronics Alcoswitch Color A B C D E F G With 0-9 Numerals (36°) 4-1437621-9 KBS500A101/8 Natural .500(12.7) .433(11.0) .708(18.0) 1.00(25.4) .950(24.1) .826(21.0) .655(16.7) KBS500A101/4 Natural .500(12.7) .433(11.0) .708(18.0) 1.00(25.4) .950(24.1) .826(21.0) .655(16.7) 5-1437621-3 KBS500B101/8 Black .500(12.7) .433(11.0) .708(18.0) 1.00(25.4) .950(24.1) .826(21.0) .655(16.7) 5-1437621-2 KBS500B101/4 Black .500(12.7) .433(11.0) .708(18.0) 1.00(25.4) .950(24.1) .826(21.0) .655(16.7) With Indicator Line 4-1437621-8 KBS500A1/8 Natural .500(12.7) .433(11.0) .708(18.0) 1.00(25.4) .950(24.1) .826(21.0) .655(16.7) 4-1437621-7 KBS500A1/4 Natural .500(12.7) .433(11.0) .708(18.0) 1.00(25.4) .950(24.1) .826(21.0) .655(16.7) 5-1437621-1 KBS500B1/8 Black .500(12.7) .433(11.0) .708(18.0) 1.00(25.4) .950(24.1) .826(21.0) .655(16.7) 5-1437621-0 KBS500B1/4 Black .500(12.7) .433(11.0) .708(18.0) 1.00(25.4) .950(24.1) .826(21.0) .655(16.7) KB500A1/4 KB900B1/4 120 ° NO. 6-32 SET SCREW 2 PLACES INDICATOR LINE A .118 (3.00) .315 (8.00) G .050 (1.53) D B C 1/8" SHAFT=.126" (3.20) 1/4" SHAFT=.251" (6.37) F E (LACQUER FILLED) 120 ° NO. 6-32 SET SCREW 2 PLACES INDICATOR LINE D .393 (9.98) .157 (3.99) .236 (5.99) G A B C D 1/8" SHAFT=.126" (3.20) 1/4" SHAFT=.251" (6.38) F E 60 ° 60 ° SAWCUT INDICATOR A .217 (5.51) .354 (8.99) NO. 4-40 SET SCREW 2 PLACES F E D B C G 1/8" SHAFT=.126" (3.20) 1/4" SHAFT=.251" (6.38) KCB SERIES KBS500A101/4 KCB700B1/4 KCB500A1/4 |
Numéro de pièce similaire - KB900B1/4 |
|
Description similaire - KB900B1/4 |