| Moteur de recherche de fiches techniques de composants électroniques |
|
751 Fiches technique(PDF) 46 Page - Greenlee Communications |
|
|
|||||||||||||||||||||||||||||
751 Fiches technique(HTML) 46 Page - Greenlee Communications |
|
46 / 50 page ![]() USA Tel: 800-435-0786 Canada Tel: 800-435-0786 International Tel: +1-815-397-7070 Fax: 800-451-2632 Fax: 800-524-2853 Fax: +1-815-397-9247 greenlee.com 186 Insulated Wire Ferrules • Terminate stranded wire into terminal blocks. • Electrolytic copper and tin plating provide maximum conductivity and low contact resistance. SPECIFICATIONS Material Copper Surface Tin plated Insulated Polypropylene plastic COLOR CODE: OLD DIN STANDARD CONDUCTOR DIMENSIONS SIZE CATALOG UPC INCHES (mm) RECOMMENDED AWG (mm2) NUMBER NUMBER COLOR L1 L2 CRIMPING TOOLS 26 166 / GR 04835 Gray .409 (10.4) .236 (6) K1GL, K32GL, (0.14) 166 / GRL 04836 .488 (12.4) .315 (8) 24 167 / H 04837 Light .409 (10.4) .236 (6) K1GL, K32GL, (0.25) 167 / HL 04838 Blue .488 (12.4) .315 (8) K30GL 22 168 / T 04839 Turquoise .409 (10.4) .236 (6) K1GL, K32GL, (0.34) 168 / TL 04840 .488 (12.4) .315 (8) K30GL 20 169 / OK 04841 Orange .471 (12) .236 (6) K1GL, K32GL, (0.5) 169 / O 04842 .551 (14) .315 (8) K36GL, K30GL 169 / OH 04843 .630 (16) .394 (10) 18 170 / WK 04844 White .488 (12.4) .236 (6) K1GL, K32GL, (0.75) 170 / W 04845 .574 (14.6) .315 (8) K36GL, K30GL 170 / WH 04846 .645 (16.4) .394 (10) 170 / WL 04847 .724 (18.4) .471 (12) 18 - 17 171 / GK 04848 Yellow .488 (12.4) .236 (6) K1GL, K32GL, (1) 171 / G 04849 .574 (14.6) .315 (8) K36GL, K30GL 171 / GH 04850 .645 (16.4) .394 (10) 171 / GL 04851* .724 (18.4) .471 (12) 16 172 / RO 04852 Red .574 (14.6) .315 (8) K1GL, K32GL, (1.5) 172 / RH 04853 .645 (16.4) .394 (10) K36GL, K30GL 172 / RL 04854 .960 (24.4) .709 (18) 14 173 / B 04855 Blue .598 (15.2) .315 (8) K1GL, K32GL, (2.5) 173 / BH 04856 .748 (19) .471 (12) K36GL, K30GL 173 / BL 04857 .984 (25) .709 (18) 12 174 / GR 04858 Gray .649 (16.5) .394 (10) K32GL, K36GL, (4) 174 / GRH 04859 .767(19.5) .471 (12) K30GL 174 / GRL 04860 1.003 (25.5) .709 (18) 10 175 / S 04861 Black .787 (20) .471 (12) K32GL, K34GL, (6) 175 / SL 04862 1.024 (26) .709 (18) K36GL, K30GL 8 176 / E 04863 Ivory .846 (21.5) .471 (12) K28GL, K34GL (10) 176 / EL 04864 1.082 (27.5) .709 (18) 6 177 / GR 04865 Green .870 (22.2) .471 (12) K28GL, K34GL (16) 177 / GRL 04866 1.110 (28.2) .709 (18) 4 178 / BR 04867 Brown 1.181 (30) .630 (16) K28GL (25) 178 / BRL 04868* 1.377 (35) .866 (22) 2 179 / B 04869 Beige 1.181 (30) .630 (16) K28GL (35) 179 / BL 04870* 1.535 (39) .984 (25) 1/0 180 / O 04871* Olive 1.433 (36.4) .787 (20) K28GL, K29GL (50) COLOR CODE: DIN 46228, PART 4 CONDUCTOR DIMENSIONS SIZE CATALOG UPC INCHES (mm) RECOMMENDED AWG (mm2) NUMBER NUMBER COLOR L1 L2 CRIMPING TOOLS 20 469 / 6 04548 White .471 (12) .236 (6) K1GL, K32GL, (0,5) 469 / 8 04549 .551 (14) .315 (8) K36GL, K30GL 469 / 10 04550 .630 (16) .394 (10) 18 470 / 6 04551 Gray .471 (12) .236 (6) K1GL, K32GL, (0,75) 470 / 8 04552 .551 (14) .315 (8) K36GL, K30GL 470 / 10 04553 .630 (16) .394 (10) 470 / 12 04554 .709 (18) .471 (12) 18 - 17 471 / 6 04555 Red .471 (12) .236 (6) K1GL, K32GL, (1) 471 / 8 04556 .551 (14) .315 (8) K36GL, K30GL 471 / 10 04557 .630 (16) .394 (10) 471 / 12 04558 .709 (18) .471 (12) 16 472 / 8 04559 Black .551 (14) .315 (8) K1GL, K32GL, (1,5) 472 / 10 04560 .630 (16) .394 (10) K36GL, K30GL 472 / 12 04561 .709 (18) .471 (12) 472 / 18 04562 .945 (24) .709 (18) 14 473 / 8 04563 Blue .551 (14) .315 (8) K1GL, K32GL, (2,5) 473 / 12 04564 .709 (18) .471 (12) K36GL, K30GL 473 / 18 04565 .945 (24) .709 (18) 12 474 / 10 04566 Gray .699 (17) .394 (10) K32GL, K36GL, (4) 474 / 12 04567 .787 (20) .471 (12) K30GL 474 / 18 04568* 1.024 (26) .709 (18) 10 475 / 12 04569 Yellow .787 (20) .471 (12) K32GL, K34GL, (6) 475 / 18 04570 1.024 (26) .709 (18) K36GL, K30GL 8 476 / 12 04571 Red .866 (22) .471 (12) K28GL, K34GL (10) 476 / 18 04572 1.102 (28) .709 (18) 6 477 / 12 04573 Blue .945 (24) .471 (12) K28GL, K34GL (16) 477 / 18 04574 1.102 (28) .709 (18) 4 478 / 16 04575 Yellow 1.181 (30) .630 (16) K28GL (25) 478 / 18 04576 1.181 (30) .709 (18) 478 / 22 04577 1.417 (36) .866 (22) 2 479 / 16 04578* Red 1.181 (30) .630 (16) K28GL (35) 479 / 18 04579* 1.181 (30) .709 (18) 479 / 25 04580* 1.535 (39) .984 (25) 1/0 480 / 20 04581 Blue 1.417 (36) .787 (20) K28GL, K29GL (50) 480 / 25 04582* 1.575 (40) .984 (25) *Special order. See pages 188, 189 for recommended ferrule crimping tools. |