Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PLAS/CASE Fiches technique(PDF) 27 Page - List of Unclassifed Manufacturers

No de pièce PLAS/CASE
Description  TORQUE PRODUCTS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

PLAS/CASE Fiches technique(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button PLAS/CASE Datasheet HTML 23Page - List of Unclassifed Manufacturers PLAS/CASE Datasheet HTML 24Page - List of Unclassifed Manufacturers PLAS/CASE Datasheet HTML 25Page - List of Unclassifed Manufacturers PLAS/CASE Datasheet HTML 26Page - List of Unclassifed Manufacturers PLAS/CASE Datasheet HTML 27Page - List of Unclassifed Manufacturers PLAS/CASE Datasheet HTML 28Page - List of Unclassifed Manufacturers PLAS/CASE Datasheet HTML 29Page - List of Unclassifed Manufacturers PLAS/CASE Datasheet HTML 30Page - List of Unclassifed Manufacturers PLAS/CASE Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
1
1.36
43
58.3
85
115.3
2
2.7
44
60.0
86
117.0
3
4.1
45
61.0
87
118.0
4
5.4
46
62.4
88
119.3
5
6.8
47
63.7
89
121.0
6
8.1
48
65.1
90
122.0
7
9.5
49
66.4
91
123.4
8
10.9
50
67.8
92
125.0
9
12.2
51
69.2
93
126.1
10
13.6
52
70.5
94
127.5
11
14.9
53
71.9
95
129.0
12
16.3
54
73.2
96
130.2
13
17.6
55
74.6
97
131.5
14
19.0
56
75.9
98
133.0
15
20.3
57
77.3
99
134.2
16
21.7
58
78.7
100
135.6
17
23.1
59
80.0
110
149.2
18
24.4
60
81.4
115
156.0
19
25.8
61
82.7
120
163.0
20
27.1
62
84.1
125
170.0
21
28.5
63
85.4
130
176.3
22
29.8
64
86.8
135
183.1
23
31.2
65
88.1
140
190.0
24
32.5
66
90.0
145
197.0
25
33.9
67
90.9
150
203.4
26
35.3
68
92.2
155
210.2
27
36.6
69
93.6
160
217.0
28
38.0
70
94.9
165
224.0
29
39.3
71
96.3
170
231.0
30
40.7
72
97.6
175
237.3
31
42.0
73
99.0
180
244.1
32
43.4
74
100.3
185
251.0
33
44.8
75
102.0
190
258.0
34
46.1
76
103.1
195
264.4
35
47.5
77
104.4
200
271.2
36
48.8
78
105.8
225
305.1
37
50.2
79
107.1
250
339.0
38
52.0
80
108.5
275
373.0
39
52.9
81
110.0
300
407.0
40
54.2
82
111.2
350
475.0
41
55.6
83
112.6
400
542.4
42
57.0
84
114.0
5
0.6
50
5.7
140
15.8
10
1.1
60
6.8
150
17.0
15
1.7
70
7.9
160
18.1
20
2.3
80
9.0
170
19.2
25
2.8
90
10.2
180
20.3
30
3.4
100
11.3
190
21.5
35
4.0
110
12.4
200
22.6
40
4.5
120
13.6
45
5.1
130
14.7
25
Torque Conversion Factors
To Convert
Into
Multiply By
Inch Pounds
Foot Pounds
0.0833
Inch Pounds
Newton meters
0.1130
Inch Pounds
Kg-meters
0.0115
Inch Pounds
Kg-Cm
1.1521
Foot Pounds
Inch Pounds
12.000
Foot Pounds
Newton meters
1.3558
Foot Pounds
Kg-meters
0.1382
Foot Pounds
Kg-Cm
13.8240
Newton Meters
Inch Pounds
8.8507
Newton Meters
Foot Pounds
0.7375
Newton Meters
Kg-meters
0.1020
Newton Meters
Kg-Cm
10.2000
Kg meters
Inch Pounds
86.8100
Kg meters
Foot Pounds
7.2340
Kg meters
Newton-meters
9.8040
Kg Cm
Inch Pounds
0.8681
Kg Cm
Foot Pounds
0.0723
Kg Cm
Newton-meters
0.0980
Torque Conversion – Ft. Lbs. (Nm)
Ft. Lbs.
Nm
Ft. Lbs.
Nm
Ft. Lbs.
Nm
Miscellaneous Conversion Factors
To Convert
Into
Multiply By
Inches
Millimeters
25.4000
Millimeters
Inches
0.0394
Pounds
Kilograms
0.4536
Kilograms
Pounds
2.2050
psi
bar
0.069
bar
psi
14.5
Torque Conversion – In. Lbs. (Nm)
In.
Nm
In.
Nm
In.
Nm
Conversion Table
Torque – Miscellaneous



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32