| Moteur de recherche de fiches techniques de composants électroniques |
|
MC68HC908GR4MP Fiches technique(PDF) 135 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68HC908GR4MP Fiches technique(HTML) 135 Page - Freescale Semiconductor, Inc |
|
135 / 286 page ![]() Functional Description MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7 Freescale Semiconductor 135 Figure 15-2. Low-Voltage Monitor Mode Entry Flowchart In monitor mode, the MCU uses different vectors for reset, SWI (software interrupt), and break interrupt than those for user mode. The alternate vectors are in the $FE page instead of the $FF page and allow code execution from the internal monitor firmware instead of user code. NOTE Exiting monitor mode after it has been initiated by having a blank reset vector requires a power-on reset. Pulling RST low will not exit monitor mode in this situation. Table 15-2 summarizes the differences between user mode and monitor mode. Table 15-2. Mode Differences Modes Functions Reset Vector High Reset Vector Low Break Vector High Break Vector Low SWI Vector High SWI Vector Low User $FFFE $FFFF $FFFC $FFFD $FFFC $FFFD Monitor $FEFE $FEFF $FEFC $FEFD $FEFC $FEFD IS VECTOR BLANK? POR TRIGGERED? NORMAL USER MODE MONITOR MODE EXECUTE MONITOR CODE NO NO YES YES POR RESET |