Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC68HC11P2BCFN4 Fiches technique(PDF) 39 Page - Freescale Semiconductor, Inc

No de pièce MC68HC11P2BCFN4
Description  Microcontrollers
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC11P2BCFN4 Fiches technique(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MC68HC11P2BCFN4 Datasheet HTML 35Page - Freescale Semiconductor, Inc MC68HC11P2BCFN4 Datasheet HTML 36Page - Freescale Semiconductor, Inc MC68HC11P2BCFN4 Datasheet HTML 37Page - Freescale Semiconductor, Inc MC68HC11P2BCFN4 Datasheet HTML 38Page - Freescale Semiconductor, Inc MC68HC11P2BCFN4 Datasheet HTML 39Page - Freescale Semiconductor, Inc MC68HC11P2BCFN4 Datasheet HTML 40Page - Freescale Semiconductor, Inc MC68HC11P2BCFN4 Datasheet HTML 41Page - Freescale Semiconductor, Inc MC68HC11P2BCFN4 Datasheet HTML 42Page - Freescale Semiconductor, Inc MC68HC11P2BCFN4 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 268 page
background image
Pin Descriptions
Port signals
MC68HC11P2 — Rev 1.0
Technical Data
Pin Descriptions
PORTH can be read at any time: inputs return the pin level; outputs
return the pin driver input level. If PORTH is written, the data is stored in
internal latches. The pins are driven only if they are configured as
outputs in single chip or bootstrap mode.
Port H pins include on-chip pull-up or pull-down devices that can be
enabled or disabled via the Port pull-up assignment register (PPAR).
Port H [7:4] have pull-up resistors; port H [3:0] have pull-down resistors.
For further information, refer to Parallel Input/Output, Serial
Communications Interface (SCI), Motorola Interconnect Bus
(MI BUS) and Timing System.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More