| Moteur de recherche de fiches techniques de composants électroniques |
|
56F8167 Fiches technique(PDF) 75 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8167 Fiches technique(HTML) 75 Page - Freescale Semiconductor, Inc |
|
75 / 184 page ![]() Peripheral Memory Mapped Registers 56F8367 Technical Data, Rev. 8 Freescale Semiconductor 75 Preliminary Reserved FCMB14_CONTROL $B0 Message Buffer 14 Control / Status Register FCMB14_ID_HIGH $B1 Message Buffer 14 ID High Register FCMB14_ID_LOW $B2 Message Buffer 14 ID Low Register FCMB14_DATA $B3 Message Buffer 14 Data Register FCMB14_DATA $B4 Message Buffer 14 Data Register FCMB14_DATA $B5 Message Buffer 14 Data Register FCMB14_DATA $B6 Message Buffer 14 Data Register Reserved FCMB15_CONTROL $B8 Message Buffer 15 Control / Status Register FCMB15_ID_HIGH $B9 Message Buffer 15 ID High Register FCMB15_ID_LOW $BA Message Buffer 15 ID Low Register FCMB15_DATA $BB Message Buffer 15 Data Register FCMB15_DATA $BC Message Buffer 15 Data Register FCMB15_DATA $BD Message Buffer 15 Data Register FCMB15_DATA $BE Message Buffer 15 Data Register Reserved Table 4-39 FlexCAN2 Registers Address Map (FC2_BASE = $00 FA00) FlexCAN2 is NOT available in the 56F8167 device Register Acronym Address Offset Register Description FC2MCR $0 Module Configuration Register Reserved FC2CTL0 $3 Control Register 0 Register FC2CTL1 $4 Control Register 1 Register FC2TMR $5 Free-Running Timer Register FC2MAXMB $6 Maximum Message Buffer Configuration Register FC2IMASK2 $7 Interrupt Masks 2 Register FC2RXGMASK_H $8 Receive Global Mask High Register FC2RXGMASK_L $9 Receive Global Mask Low Register FC2RX14MASK_H $A Receive Buffer 14 Mask High Register FC2RX14MASK_L $B Receive Buffer 14 Mask Low Register Table 4-38 FlexCAN Registers Address Map (Continued) (FC_BASE = $00 F800) FlexCAN is NOT available in the 56F8167 device Register Acronym Address Offset Register Description |