| Moteur de recherche de fiches techniques de composants électroniques |
|
56F8366 Fiches technique(PDF) 95 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8366 Fiches technique(HTML) 95 Page - Freescale Semiconductor, Inc |
|
95 / 184 page ![]() Register Descriptions 56F8366 Technical Data, Rev. 6 Freescale Semiconductor 95 Preliminary 5.6.5.6 GPIOB Interrupt Priority Level (GPIOB IPL)—Bits 3–2 This field is used to set the interrupt priority level for IRQs. This IRQ is limited to priorities 0 through 2. They are disabled by default. • 00 = IRQ disabled (default) • 01 = IRQ is priority level 0 • 10 = IRQ is priority level 1 • 11 = IRQ is priority level 2 5.6.5.7 GPIOC Interrupt Priority Level (GPIOC IPL)—Bits 1–0 This field is used to set the interrupt priority level for IRQs. This IRQ is limited to priorities 0 through 2. They are disabled by default. • 00 = IRQ disabled (default) • 01 = IRQ is priority level 0 • 10 = IRQ is priority level 1 • 11 = IRQ is priority level 2 5.6.6 Interrupt Priority Register 5 (IPR5) Figure 5-8 Interrupt Priority Register 5 (IPR5) 5.6.6.1 Quadrature Decoder 1 INDEX Pulse Interrupt Priority Level (DEC1_XIRQ IPL)—Bits 15–14 This field is used to set the interrupt priority level for IRQs. This IRQ is limited to priorities 0 through 2. They are disabled by default. • 00 = IRQ disabled (default) • 01 = IRQ is priority level 0 • 10 = IRQ is priority level 1 • 11 = IRQ is priority level 2 Base + $5 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Read DEC1_XIRQ IPL DEC1_HIRQ IPL SCI1_RCV IPL SCI1_RERR IPL 0 0 SCI1_TIDL IPL SCI1_XMIT IPL SPI0_XMIT IPL Write RESET 0 0 000 0 0 0 0000000 0 |