| Moteur de recherche de fiches techniques de composants électroniques |
|
KF40 Fiches technique(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
KF40 Fiches technique(HTML) 4 Page - STMicroelectronics |
|
4 / 22 page ![]() Maximum ratings KF00 series 4/22 2 Maximum ratings Note: Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. Table 1. Absolute maximum ratings Symbol Parameter Value Unit VI DC Input Voltage -0.5 to 20 V IO Output Current Internally Limited PTOT Power Dissipation Internally Limited TSTG Storage Temperature Range -40 to 150 °C TOP Operating Junction Temperature Range -40 to 125 °C Table 2. Thermal data Symbol Parameter DPAK SO-8 Unit RthJC Thermal resistance junction-case 8 20 °C/W Figure 2. Test circuit |