Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Q6006L5 Fiches technique(PDF) 1 Page - Inchange Semiconductor Company Limited

No de pièce Q6006L5
Description  isc Triacs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

Q6006L5 Fiches technique(HTML) 1 Page - Inchange Semiconductor Company Limited

  Q6006L5 Datasheet HTML 1Page - Inchange Semiconductor Company Limited Q6006L5 Datasheet HTML 2Page - Inchange Semiconductor Company Limited Q6006L5 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc Triacs
Q6006L5
www.iscsemi.com
1
FEATURES
·
Triac for line frequency
·
Three Quadrants Operation - QI - QIII
·
Long-term stability of blocking currents
and voltages
APPLICATIONS
·
High power motor control
·
Typical applications are AC solid-state switches,
Light dimmers, power tools, home/brown goods
and white goods appliances.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MAX
UNIT
VDRM
Repetitive peak off-state voltage
600
V
IT(RMS)
RMS on-state current (full sine wave),TC=90℃
6
A
ITSM
Non repetitive surge peak on-state current
(full cycle, TJ initial =25℃)
f=50Hz;tp = 20 ms
80
A
f=60Hz;tp = 16.7 ms
85
A
I2t
I2t Value for Fusing; tp = 8.3 ms
30
A2s
di/dt
Critical rate of rise of on-state current;f =120Hz;TJ =125℃
70
A/us
IGM
Peak gate current
1.6
A
PG(AV)
Average gate power
0.5
W
Tj
Operating junction temperature over any 20 ms period
125
℃
Tstg
Storage temperature
-40~150
℃
Rth j-c
Junction to case (AC)
3.3
℃
/W
Insulated


Numéro de pièce similaire - Q6006L5

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
Q6006L5 LITTELFUSE-Q6006L5 Datasheet
230Kb / 10P
Triacs (0.8 A to 35 A)
Q6006L5 LITTELFUSE-Q6006L5 Datasheet
236Kb / 10P
RoHS Compliant
logo
New Jersey Semi-Conduct...
Q6006L5 NJSEMI-Q6006L5 Datasheet
511Kb / 5P
RoHS Compliant
More results

Description similaire - Q6006L5

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
TIC225M ISC-TIC225M Datasheet
108Kb / 1P
isc Triacs
BTA10-600 ISC-BTA10-600 Datasheet
210Kb / 1P
isc Triacs
BTA12-600 ISC-BTA12-600 Datasheet
211Kb / 1P
isc Triacs
BTA20-600 ISC-BTA20-600 Datasheet
198Kb / 1P
isc Triacs
BTB04-600 ISC-BTB04-600 Datasheet
211Kb / 1P
isc Triacs
BT136 ISC-BT136 Datasheet
207Kb / 1P
isc Triacs
BTA12 ISC-BTA12 Datasheet
205Kb / 1P
isc Triacs
BTB06 ISC-BTB06 Datasheet
207Kb / 1P
isc Triacs
BTB10-800C ISC-BTB10-800C Datasheet
206Kb / 1P
isc Triacs
MAC218A10FP ISC-MAC218A10FP Datasheet
227Kb / 1P
isc Triacs
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com