Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PLUS153DN Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce PLUS153DN
Description  Programmable logic arrays 18 횞 42 횞 10
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLUS153DN Fiches technique(HTML) 7 Page - NXP Semiconductors

  PLUS153DN Datasheet HTML 1Page - NXP Semiconductors PLUS153DN Datasheet HTML 2Page - NXP Semiconductors PLUS153DN Datasheet HTML 3Page - NXP Semiconductors PLUS153DN Datasheet HTML 4Page - NXP Semiconductors PLUS153DN Datasheet HTML 5Page - NXP Semiconductors PLUS153DN Datasheet HTML 6Page - NXP Semiconductors PLUS153DN Datasheet HTML 7Page - NXP Semiconductors PLUS153DN Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Philips Semiconductors Programmable Logic Devices
Product specification
PLUS153B/D
Programmable logic arrays
(18
× 42 × 10)
October 22, 1993
15
PROGRAM TABLE
8
POLARITY
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
PIN
T
E
R
M
AND
OR
B(0)
7
6
5
4
3
2
1
0
9
8
7
6
5
4
3
2
1
0
9
8
7
6
5
4
3
2
1
0
B(I)
7
6
5
4
3
2
1
19 18 17 16 15 14 13 12 11
9
19 18 17 16 15 14 13 12 11
9
I
0



Html Pages

1 2 3 4 5 6 7 8