Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PLS153 Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce PLS153
Description  Programmable logic arrays 18 횞 42 횞 10
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLS153 Fiches technique(HTML) 9 Page - NXP Semiconductors

  PLS153 Datasheet HTML 1Page - NXP Semiconductors PLS153 Datasheet HTML 2Page - NXP Semiconductors PLS153 Datasheet HTML 3Page - NXP Semiconductors PLS153 Datasheet HTML 4Page - NXP Semiconductors PLS153 Datasheet HTML 5Page - NXP Semiconductors PLS153 Datasheet HTML 6Page - NXP Semiconductors PLS153 Datasheet HTML 7Page - NXP Semiconductors PLS153 Datasheet HTML 8Page - NXP Semiconductors PLS153 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Philips Semiconductors Programmable Logic Devices
Product specification
PLS153/A
Programmable logic arrays
(18
× 42 × 10)
October 22, 1993
9
SNAP RESOURCE SUMMARY DESIGNATIONS
CAND
P31
P0
D0
D9
I0
I7
B0
B9
B9
B0
S0
S9
X9
X0
DIN153
NIN153
OR
TOUT153
AND
EXOR153
DIN153
NIN153
SP00284



Html Pages

1 2 3 4 5 6 7 8 9