Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NRSZ Fiches technique(PDF) 3 Page - NIC-Components Corp.

No de pièce NRSZ
Description  Miniature Aluminum Electrolytic Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NIC [NIC-Components Corp.]
Site Internet  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSZ Fiches technique(HTML) 3 Page - NIC-Components Corp.

  NRSZ Datasheet HTML 1Page - NIC-Components Corp. NRSZ Datasheet HTML 2Page - NIC-Components Corp. NRSZ Datasheet HTML 3Page - NIC-Components Corp. NRSZ Datasheet HTML 4Page - NIC-Components Corp. NRSZ Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
86
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
87
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Miniature Aluminum Electrolytic Capacitors
STANDARD PRODUCTS, CASE SIZES AND SPECIFICATIONS
NRSZ Series
W.V.
(Vdc)
Cap.
(
µF)
Code
Case Size
D
φ x L(mm)
Lead
Space
(mm)
Max.
Tan
δ
Max. LC
(
µA)
Max. Impedance
Max. Ripple Current at
100KHz/105°C
(mA rms)
100KHz/20°C 100KHz/-10°C
16
47
470
5x11
2.0
0.16
7.5
0.90
1.8
180
56
560
5x11
2.0
0.16
9.0
0.90
1.8
180
100
101
6.3x11
2.5
0.16
16.0
0.32
0.64
280
120
121
6.3x11
2.5
0.16
19.2
0.31
0.62
290
150
151
6.3x11
2.5
0.16
24.0
0.22
0.44
300
180
181
6.3x11
2.5
0.16
28.8
024
0.48
280
220
221
8x11.5
3.5
0.16
35.2
0.11
0.32
560
270
271
8x12.5
3.5
0.16
43.2
0.11
0.28
570
330
331
8x15
3.5
0.16
52.8
0.085
0.17
730
10x12.5
5.0
0.16
52.8
0.10
0.20
650
470
471
8x20
3.5
0.16
75.2
0.069
0.14
800
10x16
5.0
0.16
75.2
0.90
0.18
950
680
681
10x20
5.0
0.16
108
0.054
0.11
1250
820
821
10x20
5.0
0.16
131
0.044
0.90
1250
1000
102
10x22
5.0
0.16
160
0.039
0.078
1450
1200
122
12.5x20
5.0
0.16
192
0.038
0.076
1600
1800
182
12.5x25
5.0
0.17
288
0.029
0.058
1800
2200
222
12.5x25
5.0
0.18
352
0.037
0.074
1700
16x21
7.5
0.18
352
0.040
0.080
1700
2700
272
16x25
7.5
0.19
432
0.022
0.044
2100
3900
392
16x31.5
7.5
0.22
624
0.018
0.036
2350
4700
472
16x35.5
7.5
0.23
752
0.018
0.036
2550
5600
562
18x35.5
7.5
0.25
896
0.018
0.036
2800
25
33
330
5x11
2.0
0.14
8.3
0.90
1.8
160
47
470
5x11
2.0
0.14
11.7
0.42
0.84
190
68
680
6.3x11
2.5
0.14
17.0
0.32
0.64
280
100
101
6.3x11
2.5
0.14
25.0
0.22
0.48
300
150
151
8x11.5
3.5
0.14
37.5
0.11
0.22
560
180
181
8x12.5
3.5
0.14
45.0
0.11
0.22
570
220
221
8x15
3.5
0.14
55.0
0.085
0.18
730
10x12.5
5.0
0.14
55.0
0.12
0.24
630
270
271
10x12.5
5.0
0.14
67.5
0.085
0.18
800
330
331
8x20
3.5
0.14
82.5
0.069
0.16
800
10x16
5.0
0.14
82.5
0.090
0.18
830
470
471
10x16
5.0
0.14
117
0.065
0.13
1010
560
561
10x20
5.0
0.14
140
0.044
0.088
1250
680
681
10x22
5.0
0.14
170
0.039
0.078
1450
1000
102
12.5x20
5.0
0.14
250
0.038
0.076
1600
1200
122
12.5x25
5.0
0.14
300
0.029
0.058
1800
1800
182
16x25
7.5
0.15
450
0.022
0.044
2100
2200
222
16x25
7.5
0.16
550
0.029
0.058
2000
2700
272
16x31.5
7.5
0.17
675
0.018
0.038
2350
3300
332
16x35.5
7.5
0.18
825
0.018
0.038
2550
3900
392
18x31.5
7.5
0.20
975
0.018
0.046
2800
4700
472
18x35.5
7.5
0.21
1175
0.021
0.042
2700



Html Pages

1 2 3 4 5