Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

93C76CE/STG Fiches technique(PDF) 19 Page - Microchip Technology

No de pièce 93C76CE/STG
Description  8K Microwire Compatible Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C76CE/STG Fiches technique(HTML) 19 Page - Microchip Technology

Back Button 93C76CE/STG Datasheet HTML 15Page - Microchip Technology 93C76CE/STG Datasheet HTML 16Page - Microchip Technology 93C76CE/STG Datasheet HTML 17Page - Microchip Technology 93C76CE/STG Datasheet HTML 18Page - Microchip Technology 93C76CE/STG Datasheet HTML 19Page - Microchip Technology 93C76CE/STG Datasheet HTML 20Page - Microchip Technology 93C76CE/STG Datasheet HTML 21Page - Microchip Technology 93C76CE/STG Datasheet HTML 22Page - Microchip Technology 93C76CE/STG Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
 2004 Microchip Technology Inc.
DS21796D-page 19
93AA76A/B/C, 93LC76A/B/C, 93C76A/B/C
APPENDIX A:
REVISION HISTORY
Revision C
Corrections to Section 1.0, Electrical Characteristics.
Section 4.1, 6-Lead SOT-23 package to OT.
Revision D
Corrections to Device Selection Table, Table 1-1, Table
1-2, Section 2.4, Section 2.5, Section 2.8 and Section
2.9. Added note to Figure 2-7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26