Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLD20D Fiches technique(PDF) 26 Page - STMicroelectronics

No de pièce STLD20D
Description  White LED power supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD20D Fiches technique(HTML) 26 Page - STMicroelectronics

Back Button STLD20D Datasheet HTML 22Page - STMicroelectronics STLD20D Datasheet HTML 23Page - STMicroelectronics STLD20D Datasheet HTML 24Page - STMicroelectronics STLD20D Datasheet HTML 25Page - STMicroelectronics STLD20D Datasheet HTML 26Page - STMicroelectronics STLD20D Datasheet HTML 27Page - STMicroelectronics STLD20D Datasheet HTML 28Page - STMicroelectronics STLD20D Datasheet HTML 29Page - STMicroelectronics STLD20D Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
Package mechanical data
STLD20D
26/31
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.80
0.90
1.00
0.032
0.035
0.039
A1
0.03
0.05
0.001
0.002
A2
0.65
0.70
0.75
0.026
0.028
0.030
A3
0.15
0.20
0.25
0.006
0.008
0.010
b
0.29
0.31
0.39
0.011
0.012
0.015
b1
0.17
0.30
0.007
0.012
D
3.00
0.118
D2
1.92
2.02
2.12
0.076
0.080
0.084
E
3.00
0.118
E2
1.11
1.21
1.31
0.044
0.048
0.052
e
0.65
0.026
K
0.20
0.008
L
0.20
0.29
0.45
0.008
0.011
0.018
L1
0.16
0.24
0.40
0.006
0.009
0.016
L2
0.13
0.005
r
0.15
0.006
r1
0.15
0.006
QFN8 (3x3) MECHANICAL DATA
7517789



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31