Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST485ERBN Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce ST485ERBN
Description  짹15KV ESD protected, Low power RS-485/RS-422 transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST485ERBN Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button ST485ERBN Datasheet HTML 10Page - STMicroelectronics ST485ERBN Datasheet HTML 11Page - STMicroelectronics ST485ERBN Datasheet HTML 12Page - STMicroelectronics ST485ERBN Datasheet HTML 13Page - STMicroelectronics ST485ERBN Datasheet HTML 14Page - STMicroelectronics ST485ERBN Datasheet HTML 15Page - STMicroelectronics ST485ERBN Datasheet HTML 16Page - STMicroelectronics ST485ERBN Datasheet HTML 17Page - STMicroelectronics ST485ERBN Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Package mechanical data
ST485ER
14/19
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19