| Moteur de recherche de fiches techniques de composants électroniques |
|
93AA76CI/STG Fiches technique(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
93AA76CI/STG Fiches technique(HTML) 6 Page - Microchip Technology |
|
6 / 26 page ![]() 93AA76A/B/C, 93LC76A/B/C, 93C76A/B/C DS21796D-page 6 2004 Microchip Technology Inc. 2.4 ERASE The ERASE instruction forces all data bits of the specified address to the logical ‘1’ state. The rising edge of CLK before the last address bit initiates the write cycle. The DO pin indicates the READY/BUSY status of the device if CS is brought high after a minimum of 250 ns low (TCSL). DO at logical ‘0’ indicates that programming is still in progress. DO at logical ‘1’ indicates that the register at the specified address has been erased and the device is ready for another instruction. Note: Issuing a Start bit and then taking CS low will clear the READY/BUSY status from DO. FIGURE 2-1: ERASE TIMING CS CLK DI DO TCSL CHECK STATUS 1 1 1AN AN-1 AN-2 ••• A0 TSV TCZ BUSY READY HIGH-Z TWC HIGH-Z |