| Moteur de recherche de fiches techniques de composants électroniques |
|
93AA76CI/MSG Fiches technique(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
93AA76CI/MSG Fiches technique(HTML) 4 Page - Microchip Technology |
|
4 / 26 page ![]() 93AA76A/B/C, 93LC76A/B/C, 93C76A/B/C DS21796D-page 4 2004 Microchip Technology Inc. FIGURE 1-1: SYNCHRONOUS DATA TIMING TABLE 1-3: INSTRUCTION SET FOR X 16 ORGANIZATION (93XX76B OR 93XX76C WITH ORG = 1) TABLE 1-4: INSTRUCTION SET FOR X 8 ORGANIZATION (93XX76A OR 93XX76C WITH ORG = 0) Instruction SB Opcode Address Data In Data Out Req. CLK Cycles READ 1 10 X A8 A7 A6 A5 A4 A3 A2 A1 A0 — D15 – D0 29 EWEN 1 00 1 1 X XX XX XX X — HIGH-Z 13 ERASE 1 11 X A8 A7 A6 A5 A4 A3 A2 A1 A0 — (RDY/BSY)13 ERAL 1 00 1 0 X XX XX XX X — (RDY/BSY)13 WRITE 1 01 X A8 A7 A6 A5 A4 A3 A2 A1 A0 D15 – D0 (RDY/BSY)29 WRAL 1 00 0 1 X XX XX XX X D15 – D0 (RDY/BSY)29 EWDS 1 00 0 0 X XX XX XX X — HIGH-Z 13 Instruction SB Opcode Address Data In Data Out Req. CLK Cycles READ 1 10 X A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 — D7 – D0 22 EWEN 1 00 1 1 X X X X XXXXX — HIGH-Z 14 ERASE 1 11 X A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 — (RDY/BSY)14 ERAL 1 00 1 0 X X X X XXXXX — (RDY/BSY)14 WRITE 1 01 X A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 D7 – D0 (RDY/BSY)22 WRAL 1 00 0 1 X X X X XXXXX D7 – D0 (RDY/BSY)22 EWDS 1 00 0 0 X X X X XXXXX — HIGH-Z 14 CS VIH VIL VIH VIL VIH VIL VOH VOL VOH VOL CLK DI DO (READ) DO (PROGRAM) TCSS TDIS TCKH TCKL TDIH TPD TCSH TPD TCZ STATUS VALID TSV TCZ Note: TSV is relative to CS. |