| Moteur de recherche de fiches techniques de composants électroniques |
|
NITROGEND2 Fiches technique(PDF) 21 Page - C-Media Electronics |
|
|
|||||||||||||||||||||||||||||
NITROGEND2 Fiches technique(HTML) 21 Page - C-Media Electronics |
|
21 / 28 page ![]() Nitrogen D2 USB Audio With Dolby Digital Live and DTS Interactive Solution Date: 09/25/2005 Version: 1.02 - 21 - 6.6 BENEFITS AND ADVANTAGES Uses a single digital connection Transforms all PC audio signals into a Dolby and DTS Digital signal Optimized for low-latency interactive applications Provides realistic 5.1-channel surround sound effects during interactive video game play Advantages of this feature: 1.Getting higher quality audio signal output compared with any other SPDIF-Out solutions. C-Media Xear 3D™ Plus DDL or DTS INTERACTIVE encoder sound solution can directly process and transmit any PC sound source to digital AC-3 or DTS signal. Digital-transmitted data processed by software driver can absolutely rule out the characteristics influence of DAC quality. Therefore, users are able to get the best sound quality. 2.General PC audio SPDIF-Out solution can only provide 2CH PCM data to external amplifier. If users want to output high quality digital AC-3 or DTS INTERACTIVE bit-stream, they have to rely on software DVD player, from which only DVD playback is achievable. In that case, it will limit and impair the high quality multi-channel sound |