Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP802 Fiches technique(PDF) 2 Page - PCTEL, Inc.

No de pièce LP802
Description  Smarteq™ LP80x-Series Low-Profile Antennas
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PCTEL [PCTEL, Inc.]
Site Internet  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

LP802 Fiches technique(HTML) 2 Page - PCTEL, Inc.

  LP802 Datasheet HTML 1Page - PCTEL, Inc. LP802 Datasheet HTML 2Page - PCTEL, Inc. LP802 Datasheet HTML 3Page - PCTEL, Inc. LP802 Datasheet HTML 4Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Smarteq™ LP80x-Series Low-Profile Antennas
Cellular Antennas (5G, LTE, CBRS, 3G, 2G) - Low Profile Whipless
The Smarteq™ LP80x-Series antennas offer ground-plane independent omnidirectional
performance with discreet and durable design. The low-profile housing gives a high degree of
vandal resistance making it perfect for smart meters, tracking devices, vending machines and
other M2M applications, where it requires reliable communications.
Features
• 790-960MHz / 1710-2690MHz and NB - IoT
• Low profile, ergonomic style with sophisticated engineering
• Easy to install
• Different versions available:
• LP800 – Screw or adhesive mount
• LP801– Screw or adhesive mount
• LP802 – Center screw mount
2
Applications
• Smart Metering
• Smart City
• EV-chargers
• Vending machines
• Parking meters
Certifications
SPECIFICATIONS
> pctel.com/antenna-products
LP802
LP801
LP800
DATASHEET ID 550 145 H



Html Pages

1 2 3 4