| Moteur de recherche de fiches techniques de composants électroniques |
|
PHT6N03T Fiches technique(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PHT6N03T Fiches technique(HTML) 8 Page - NXP Semiconductors |
|
8 / 10 page ![]() Philips Semiconductors Product specification TrenchMOS ™ transistor PHT6N03T Standard level FET PRINTED CIRCUIT BOARD Dimensions in mm. Fig.19. PCB for thermal resistance and power rating for SOT223. PCB: FR4 epoxy glass (1.6 mm thick), copper laminate (35 µm thick). 36 60 9 10 4.6 18 4.5 7 15 50 November 1997 8 Rev 1.200 |