| Moteur de recherche de fiches techniques de composants électroniques |
|
PHT6N03LT Fiches technique(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PHT6N03LT Fiches technique(HTML) 6 Page - NXP Semiconductors |
|
6 / 6 page ![]() Philips Semiconductors Product specification TrenchMOS ™ transistor PHT6N03LT Logic level FET PRINTED CIRCUIT BOARD Dimensions in mm. Fig.17. PCB for thermal resistance and power rating for SOT223. PCB: FR4 epoxy glass (1.6 mm thick), copper laminate (35 µm thick). 36 60 9 10 4.6 18 4.5 7 15 50 January 1998 6 Rev 1.300 |