| Moteur de recherche de fiches techniques de composants électroniques |
|
PHT4NQ10T Fiches technique(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PHT4NQ10T Fiches technique(HTML) 4 Page - NXP Semiconductors |
|
4 / 13 page ![]() Philips Semiconductors PHT4NQ10T N-channel enhancement mode field-effect transistor Product specification Rev. 01 — 31 July 2000 4 of 13 9397 750 07337 © Philips Electronics N.V. 2000. All rights reserved. 7. Thermal characteristics 7.1 Transient thermal impedance Table 4: Thermal characteristics Symbol Parameter Conditions Value Unit Rth(j-sp) thermal resistance from junction to solder point mounted on a metal clad substrate; Figure 5 18 K/W Rth(j-a) thermal resistance from junction to ambient mounted on a printed circuit board; minimum footprint 150 K/W Mounted on a metal clad substrate. Fig 5. Transient thermal impedance from junction to solder point as a function of pulse duration. 03aa87 10-2 10-1 1 10 102 10-5 10-4 10-3 10-2 10-1 110 tp (s) Zth(j-sp) (K/W) single pulse δ = 0.5 0.2 0.1 0.05 0.02 tp tp T P t T δ = |